Part Number Hot Search : 
W79L549 RT8025 ICS851 2J12A M6010G 74F174 000001 UM240M
Product Description
Full Text Search
 

To Download 36MB400A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2715 rev. E 08/97
MB & JB SERIES
SINGLE PHASE BRIDGE Features
Universal, 3 way terminals: push-on, wrap around or solder High thermal conductivity package, electrically insulated case Center hole fixing Excellent power/volume ratio UL E 62320 approved
Power Modules
10 A 25 A 35 A
Description
A range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and instrumentation applications.
Major Ratings and Characteristics
Parameters 100JB-L 26MB-A 36MB-A 250JB-L 35MB-A
IO @ TC IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM range TJ 10 65 148 155 110 100 25 65 400 420 790 725 50 to 1600 -40 to 150 35 60 475 500 1130 1030
Units
A
o
C
A A A2 s A2 s V
o
C
www.irf.com
1
MB & JB Series
Bulletin I2715 rev. E 08/97
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
5 10 100JB..L 26MB..A 250JB..L 36MB..A 35MB..A 20 40 60 80 100 120 140 160
V RRM , maximum repetitive peak reverse voltage V
50 100 200 400 600 800 1000 1200 1400 1600
VRSM , maximum nonrepetitive peak rev. voltage V
75 150 275 500 725 900 1100 1300 1500 1700
I RRMmax.
@ TJ max.
mA
2
Forward Conduction
Parameters
IO Maximum DC output current @ Case temperature IFSM Maximum peak, one-cycle non-repetitive forward current 100JB-L 26MB-A 36MB-A Units Conditions 250JB-L 35MB-A 10 8 65 148 155 125 130 I2t Maximum I2t for fusing 110 100 78 71 I2t VF(TO)1 VF(TO)2 rt1 rt2 VFM IRRM VINS Maximum I2t for fusing Low-level of threshold voltage High-level of threshold voltage Low-level forward slope resistance High-level forward slope resistance Maximum forward voltage drop Max. DC reverse current RMS isolation voltage base plate 1.1 1.00 1.17 15.4 10.8 1.3 10 2700 25 20 65 400 420 335 350 790 725 560 512 5.6 0.76 0.92 6.8 5.0 1.11 10 2700 35 28 60 475 500 400 420 1130 1030 800 730 11.3 0.79 0.96 5.8 4.5 1.14 10 2700 V A V m KA2s V A2 s A A C A t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Initial TJ = TJ max. Resistive or inductive load Capacitive load
I2t for time tx = I2 t x tx ; 0.1 tx 10ms, VRRM = 0V (16.7% x x IF(AV) < I < x IF(AV)), @ TJ max. (I > x IF(AV) ), @ TJ max. (16.7% x x IF(AV) < I < x IF(AV)), @ TJ max. (I > x IF(AV) ), @ TJ max. TJ = 25 oC, I
FM
=I
Favg (arm)
x , tp = 400s
TJ = 25 o C, per diode at VRRM f = 50 Hz, t = 1s
2
www.irf.com
MB & JB Series
Bulletin I2715 rev. E 08/97
Thermal and Mechanical Specifications
Parameters
TJ Junction temperature range 100JB-L 26MB-A 36MB-A Units 250JB-L 35MB-A -40 to 150 -40 to 150 3.5 1.7 0.2 20 2.0 1.2
o o
Conditions
C C Per bridge Mounting surface , smooth, flat and greased Bridge to heatsink
Tstg Storage temperature range RthJC Max. thermal resistance junction to case RthCS Max. thermal resistance, case to heatsink wt T Approximate weight Mounting Torque 10%
K/W K/W g Nm
Ordering Information Table
Device Code
36 1
1 2 -
MB 2
160 3
A 4
26 36
Current rating code: Circuit configuration: JB = Single phase american coding MB = Single phase european coding
100 & 250 & 35
= 10A (Avg) = 25A (Avg) = 35A (Avg) American coding European coding
3 4
-
Voltage code: MB series = code x 10 = VRRM JB series = code x 100 = VRRM Diode bridge rectifier: A = 26MB, 36MB, 35MB Series L = 100JB and 250JB Series
Outline Table
Suggested plugging force: 200 N max; axially applied to faston terminals
All dimensions in millimetres (inches)
Not To Scale
www.irf.com
3
MB & JB Series
Bulletin I2715 rev. E 08/97
Maximum Allowable Case Temperature (C)
150
1000
100JB..L Series
130 120 110 100 90 80 70 60 50 0 1 2 3 4 5 6 7 8 9 10 11 Average Forward Current (A) 180 (Sine) 180 (Rect)
Instantaneous Forward Current (A)
140
T = 25C J 100 TJ = 15OC
10
100JB..L Series 1 0.5 1.5 2.5 3.5
Instantaneous Forward Voltage (V)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Maximum Average Forward Power Loss (W)
25 100JB..L Series T = 150C J 20
R th
180 (Sine) 180 (Rect)
3K /W 4K /W
/W 2K
A S-
= a elt -D /W 1K
15
7K /W
R
10
10K /W
15K /W
5
0 0 2 4 6 8 10 0 25 50 75 100 125 150 Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 3 - Total Power Loss Characteristics
150 Peak Half Sine Wave Forward Current (A)
150 Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated VRRM Applied Following Surge Initial TJ = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
125
120
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T = 150C J No Voltage Reapplied Rated V RRM Reapplied
100
90
75
60 100JB..L Series 30 1 10 100
Numb of Equal Amplitude Half Cycle C er urrent Pulses (N)
50 100JB..L Series 25 0.01
0.1 Pulse Train Duration (s)
1
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
4
www.irf.com
MB & JB Series
Bulletin I2715 rev. E 08/97
Maximum Allowable Case Temperature (C) 150
1000 Instantaneous Forward Current (A)
26MB..A Series 250JB..L Series
130
TJ= 25C 100 TJ= 150C
110 180 (Rect) 90 180 (Sine)
10
70
26MB..A Series 250JB..L Series 1 0.5 1 1.5 2 2.5 3 3.5
50 0 5 10 15 20 25 30
Average Forward Current (A)
Instantaneous Forward Voltage (V)
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
50 Maximum Average Forward Power Loss (W) 26MB..A Series 250JB..L Series T = 150C J
R th
SA
40
180 (Sine) 180 (Rect)
= /W 1K
2
K/W
a elt -D
30
3K /W
4K /W
R
20
5K /W
7 K/W
10
10 K /W
0 0 5 10 15 20 0 25 25 50 75 100 125 150 Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 8 - Total Power Loss Characteristics
400 Peak Half Sine W ave Forward Current (A)
Peak Half S Wave Forward Current (A) ine
At Any Rated Load Condition And With Rated V RRM Applied Following Surge Initial T J = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
450
350
300
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 150C No Voltage Reapplied Rated VRRM Reapplied
250
200
150 26MB..A Series 250JB..L Series 50 0.01 0.1 Pulse Train Duration (s) 1
26MB..A series 250JB..L series 100 1 10 100
Number of Equal Amplitude Half Cycle Curre Pulse (N) nt s
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
www.irf.com
5
MB & JB Series
Bulletin I2715 rev. E 08/97
150 Maximum Allowable Case Temperature (C)
1000 Instantaneous Forward Current (A)
36MB..A Series 35MB..A Series
TJ = 25C TJ = 150C
130
100
110 180 (Rect) 90 180 (Sine) 70
10
36MB..A Series 35MB..A Series 1 0.5 1 1.5 2 2.5 3 3.5
50 0 5 10 15 20 25 30 35 40 Average Forward Current (A)
Instantaneous Forward Voltage (V)
Fig. 11 - Current Ratings Chracteristics
Fig. 12 - Forward Voltage Drop Characteristics
80 Maximum Average Forward Power Loss (W) 36MB..A Series 35MB..A Series T = 150C J 60 180 (Sine) 180 (Rect) 40
3 K/ W
4 K/W
R
th SA
=
1K /W
0. 7
K/ W
2K /W
-D el ta
R
20
5 K/W
7 K/W
0 0 5 10 15 20 25 30 35 0 25 50 75 100 125 150 Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 13 - Total Power Loss Characteristics
Peak Half Sine W ave Forward Current (A)
400 350 300 250 200 150 100 1
At Any Rated Load Condition And With Rated VRRM Applied Following Surge. Initial TJ= 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Half Sine W ave Forward Current (A)
450
500 450 400 350 300 250 200 150 100 0.01
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial TJ = 150C No Voltage Reapplied Rated VRRM Reapplied
36MB..A Series 35MB..A Series 10 100
36MB..A Series 35MB..A Series 0.1 Pulse Train Duration (s) 1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 36MB400A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X